PART |
Description |
Maker |
MSU2032C16 MSU2032C25 MSU2032C40 MSU2032L16 MSU205 |
low working voltage 16 MHz ROM less MCU
|
Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp]
|
ZLP323ICE01ZACG ZLR32300 ZLR32300H2024G ZLR32300H2 |
Low-Voltage ROM MCU with Infrared Timers
|
Maxim Integrated Products
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST6200LM1 ST6200LB1 ST6201LM1 ST6201LB1 ST6203LB1/ |
LOW VOLTAGE 8-BIT ROM MICROCONTROLLER (MCU) WITH A/D CONVERTER AND 16 PINS LOW VOLTAGE 8-BIT ROM MICROCONTROLLER (MCU) WITH A/D CONVERTER AND 16 PINS 8-BIT MICROCONTROLLER 8位微控制
|
ST Microelectronics Unisonic Technologies Co., Ltd. STMicroelectronics N.V.
|
C14-5-20-SERIES C4-5-20-SERIES C5-1-01-SERIES C8-1 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN Decade counter/divider 4X7W OR 2X22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY Dual D type flip flop with preset and clear DUAL 2-INPUT NAND BUFFER/DRIVER MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output "nano" accelerometer LOW DROP POWER SCHOTTKY RECTIFIER QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 4 bit D type latch DUAL 64-STAGE STATIC SHIFT REGISTER HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Single buffer 16-bit low voltage ROMless MCU MEMS inertial sensor: 2-axis - /- 2g/6g ultracompact linear accelerometer Turboswitch - ultra-fast high voltage diode Single inverter (open drain) DUAL MONOSTABLE MULTIVIBRATOR 14 stage binary counter Very low drop voltage regulators with inhibit and dropout control flag AC LINE SWITCH Digital temperature sensor and thermal watchdog MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 接口IC ST7262 - LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 接口IC 8-BIT ADDRESSABLE LATCH
|
ON Semiconductor
|
ST7263BK1B1XXX ST7263BK1M1XXX ST7263BK2B1XXX ST726 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C
|
STMicroelectronics
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72621J2B1 ST72621J2T1L ST72621L4M1 ST72621J4T1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics SGS Thomson Microelectronics
|
ST72P63BK1B1 ST72P63BK1M1 ST72P63BK4M1 ST72P63BK2M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
ST Microelectronics
|
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|